Part Number Hot Search : 
B44066 C1334 2SB1417 BA7046F M61084FP RU5024 C1334 GM3842
Product Description
Full Text Search
 

To Download TMG8C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TRIAC
NON-ISOLATED TYPE
TMG8C60
TMG8C60 are non-isolated triac suitable for wide range of applications like copier, microwave oven, solid state switch, motor control, light and heater control. IT RMS 8A High surge capability 88A Non-isolated type
D
DIM A B C D E F G H I J K L M Min 5.58 8.38 4.40 1.15 0.35 9.66
A
Millimeters Typ 6.40 8.60 4.50 1.27 0.45 10.10 16.25 3.83 0.85 1.27 2.54 13.50 15.00 Max 7.49 8.90 4.70 1.39 0.60 10.28
M
G
L
J
B
0.75 1.14 12.70 14.48
0.95 1.40 14.27 15.87
K
I C
E
Unit A
Maximum Ratings
Symbol VDRM Symbol IT
RMS
Tj=25
unless otherwise specified
Item Repetitive Peak Off-State Voltage Item R.M.S. On-State Current Surge On-State Current I2t Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Operating Junction Temperature Storage Temperature Mass Tc 105
Ratings TMG8C60 600 Conditions One cycle, 50Hz/60Hz, peak, non-repetitive 1ms 10ms Ratings 8 80/88 32 5 0.5 2 10 40 to 40 to 2 125 125
Unit V Unit A A A2S W W A V
ITSM I2t PGM PG
AV
IGM VGM Tj Tstg
g
Electrical Characteristics
Symbol IDRM VTM I GT1 I GT1 I GT3 I GT3 V GT1 V GT1 V GT3 V GT3 VGD dv/dt c IH Rth j-c Item Reptitive Peak Off-State Current Peak On-State Voltage 1 2 3 4 1 2 3 4 Non-Trigger Gate Voltage
Critical Rate of Rise off-State Voltage at commutation
Conditions VD=VDRM, Single phase, half wave, Tj 125 IT 12A, Inst. measurement
Ratings Min. Typ. Max. 2 1.4 30 30 30 1.5 1.5 1.5
Unit mA V
Gate Trigger Current
VD 6V RL 10
mA
Gate Trigger Voltage
VD 6V RL 10
V
Tj 125 Tj 125
VD
1
2VDRM
0.2 4A/ms VD
2 3VDRM
V V/ s 15 mA 2.0 /W
di/dt c
10
Holding Current Thermal Impedance Junction to case
13
TMG8C60
1 1 1 1 3
3
14


▲Up To Search▲   

 
Price & Availability of TMG8C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X